Part Number Hot Search : 
20ETF04S 250BZX 1A398 MA153A DSP16 10PBF 2SK21 051BQ
Product Description
Full Text Search
 

To Download CY80-E2GA102MYVS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product name high voltage ceramic capacitors series cy series part number CY80-E2GA102MYVS product lifecycle stage prod based on the standard or law iec 60384-14, ul 1414 safety certifications bsi,vde,sev,semko,nemko,demko,fimko,imq, ul,csa,saa specification mounting method flag no number of elements nom 1 number of terminals nom 2 tc code e temperature characteristic min -55 % max 20 % category temperature range min -25 cel max 125 cel rated voltage code 2g rated voltage max 440 v rated voltage classification cont_ac withstanding voltage nom 2000 v withstanding voltage class cont_ac rated capacitance nom 1000 p f capacitance tolerance code m capacitance tolerance (%) min -20 % max 20 % dissipation factor max 2.5 % frequency of dissipation factor nom 1 k hz insulation resistance min 10000 m ohm soldering method flow,iron soldering storage temperature range min 5 cel max 40 cel summary/applications/feature summary iec publication 60384-14, sub-class x1/y2 capacitor s. approved by the safety standards of 11 countries. (ul,csa,bsi,vde,semko,fimko,demko,nemko,sev,imq,saa ) compared to cs series by about 20% downsized.(basic insulation type) applications x/y capacitors for switching power supply, noise fi lter.(basic insulation type) feature high reliability due to the matching of tdk origina l ceramic materials and electrode materials. enclosure with flame-retardant epoxy resin which gr ade is ul94, v-0, and excellent performance to prevent from fire and electric shock. withstanding voltage: 2.0kvac. packaging packing radial taping ammo pack minumum package qty nom 1000 pcs minimum order qty nom 1000 pcs [ caution ] specifications which provide more details for the p roper and safe use of the described product are available upon request. [ notice of revision and improve ] all specifications are subject to change without no tice. copyright(c) 1996-2008 all rights reserved. page 1 of 1 3/27/2009 http://roots.tdk.co.jp/rootsme.asp?id=tja037&no=cy8 0-e2ga102myvs2...


▲Up To Search▲   

 
Price & Availability of CY80-E2GA102MYVS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X